PART |
Description |
Maker |
CMPD7006S CMPD7006 CMPD7006A CMPD7006C |
SMD Switching Diode Dual: Common Anode SMD Switching Diode Dual: In Series SMD Switching Diode Single: High Voltage SMD Switching Diode Dual: Common Cathode SURFACE MOUNT VERY HIGH VOLTAGE SILICO SWITCHING DIODE
|
CENTRAL[Central Semiconductor Corp]
|
MMBD7000 MMBD7000-TP |
225mW 100Volt Dual Switching Diode DIODE SW DUAL 100V 150MA SOT23 0.2 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
CMPD7000E |
SMD Switching Diode Dual: In Series ENHANCED SPECIFICATION SURFACE MOUNT DUAL, SILICON SWITCHING DIODE SERIES CONNECTION
|
Central Semiconductor Corp
|
BT137F-600 BT137F BT137F-800G BT137F-500 BT137F-50 |
1-of-8 Decoder 16-CDIP -55 to 125 DIODE DUAL SW 75V 350MW SOT-23 DIODE SWITCH 85V 150MW SOT-523 DIODE SWITCHING DUAL COMMON-ANODE 75V 215mA-Io 150mW 3000ns-trr SOT-523 3K/REEL DIODE SWITCHING DUAL SERIES 75V 150mA-Io 200mW 4ns-trr SOT-323 3K/REEL DIO SM DUAL SER BAV99W SOT323 Transient Voltage Suppressor Diodes Triacs 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC DIODE SWITCHING DUAL-DUAL COMMON-CATHODE/ANODE 75V 150mA-Io 200mW 4ns-trr SOT-363 3K/REEL 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC SMD DIODE BAW56 70V 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
BAW56 |
SMD Small-Signal Schottky Diode; Dual 贴片小信号肖特基二极 Dual Surface Mount Switching Diode
|
Vishay Intertechnology, Inc. Vishay Siliconix
|
MMBD2837L MMBD2838L MMBD2837LT1-D |
Small Signal Switching Diode Monolithic Dual Switching Diodes
|
ON Semiconductor
|
M1MA151WAT1 M1MA152WA ON0329 M1MA152WAT1 M1MA151WA |
Common Anode Silicon Dual Switching Diodes 双共阳极硅开关二极管 Common Anode Silicon Dual Switching Diodes 0.1 A, 80 V, 2 ELEMENT, SILICON, SIGNAL DIODE COMMON ANODE DUAL SWITCHING DIODES 0.1 A, 80 V, 2 ELEMENT, SILICON, SIGNAL DIODE From old datasheet system SC-59 PACKAGE COMMON CATHODE
|
Motorola Mobility Holdings, Inc. ON Semiconductor Motorola Inc MOTOROLA[Motorola, Inc]
|
SBAW56TT1G |
Dual Switching Diode
|
ON Semiconductor
|
BAV56TT1 |
Dual Switching Diode
|
ON Semiconductor
|
LMBD7000WT1G |
Dual Switching Diode
|
Leshan Radio Company
|